Part Number Hot Search : 
DS2786B 78L05 ST72T N108LB 74UT15AD 5HF12 U9NC80 FX469LG
Product Description
Full Text Search
 

To Download SC441A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  highfefciencyfintegratedfdriverfforf 4-stringsfoff150mafleds sc441a powerfmanagement january 18, 2010 1 www.semtech.com features applications description ? wide input voltage range from 4.5v to 21v ? 36v maximum output voltage ? drives up to 40 wleds in 4 strings f ? programmablef ledf currentf forf upf tof 150maf perf stringf f ? +/-f2%fstring-to-stringfcurrentfmatching f ? upftof90%ffefciency ? wide 0.2% to 100% pwm dimming range ? possible analog dimming ? integrated 3.0a power switch ? 700khz switching frequency for small size ? adjustable ovp for cost-efective output cap selection f ? open/shortfledfprotection ? thermal protection with auto-recovery ? thermally enhanced tssop-20 edp package ? fully weee and rohs compliant ? aec-q100 grade 3 qualifed ? medium-sized lcd panel ? notebook display ? automotive car navigation display ? sub-notebook and tablet computer displays ? portable media players the sc441a is a high-efciency multiple string wled driv - er with an integrated boost converter. it operates over a wide input range from 4.5v to 21v with a maximum out - put voltage of 36v and a 3.0a internal power switch. it can drive up to forty wleds in 4 strings with current up to 150ma per string. the string-to-string current match - ing is 2% typical, 3% maximum. the overall efciency is greater than f0% due to the low current sense voltage and a low-impedance internal power switch. the wide pwm dimming range boasts a ratio of 500: 1. the 700khz switching frequency enables the user to op - timize the external component sizes for efciency. when there are fewer than 10 leds in each string, users can ad - just the output voltage protection yielding an allowable reduction in associated costs, size and voltage ratings of the output capacitor. the sc441a also features comprehensive open and short- circuit led protection functions. it disables the corre - sponding strings with led open or led short conditions while maintaining normal operation of other, unafected led strings. this feature allows lcd panels to remain view - able even under led failure, wire disconnect, or short-cir - cuit conditions. the internal thermal shutdown protects the ic from overheating at abnormal conditions. the sc441a is available in a thermally-enhanced tssop- 20 edp package. typicalfapplicationfcircuit 1 4 vout ss pgnd ioset io1-4 comp ovpin agnd vin sw pwm en ovprtn sw fflag pgnd iognd sc441a 4 strings 1 10 vin (4.5v -21v) 2 edp pgnd ioset io1- 4 comp ss agnd vout ovpin


▲Up To Search▲   

 
Price & Availability of SC441A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X